Part Number Hot Search : 
STS8205 8N80C 4511B 28F00 SCS205KG HEF4010 250BZX RL3705N
Product Description
Full Text Search
 

To Download 15KE110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * plastic package has underwriters laboratory flammability classification 94v-o * glass passivated chip junction in do-201 package * 1500w surge capability at 1ms * excellent clamping capability * low zener impedance * fast response time: typically less than 1.0 ps from 0 volts to bv min * typical ir less than 1 a above 10v * high temperature soldering guaranteed: 260 /10 seconds/.375 ,(9.5mm) lead length/5lbs., (2.3kg) tension case: jedec do-201ad molded plastic terminals: axial leads, solderable per mil-std-202, method 208 polarity: color band denoted cathodewe declare that the material of product compliance except bipolarwith rohs requirements mounting position: any weight: 0.04 ounce, 1.12 gram ratings at 25 ? symbolvalueunits p ppm minimum 1500watts p m(av) 6.5watts i fsm 200amps t j -55 to +150 c t stg -55 to +175 c notes: 1. non-repetitive current pulse, per fig. 3 and derated above ta=25 cper fig. 2. 2. mounted on copper leaf area of 1.57in2(40mm2). 3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. operating temperature range devices for bipolar applications rating peak power dissipation at t a =25 c, t p =1ms(note 1) steady state power dissipation at t l =75 c lead lengths .375 ,(9.5mm) (note 2) peak forward surge current, 8.3ms single half sine- wave superimposed on rated load(jeced method) (note 3) 1.5ke ***series glass passivated junction transient voltage suppressor voltage - 6.8 to 440 volts feature 1500watt peak power 6.5 watt steady state 2.mechanical data storage temperature range 1.electrical characteristic for bidirectional use c or ca suffix for types 1.5ke6.8 thru types 1.5ke440 electrical characteristics apply in both directions.marking code is all type.
uni-reversebreakdownbreakdowntestmaximumreverse directionalstand-offvoltagevoltagecurrentclampingleakage partvoltagevbr (v)vbr (v)itvoltage@vrwm numbervrwm (v)min. @itmax. @it(ma)@ipp vc (v)ir (ua) 1.5ke6.85.56.127.481010.81000 1.5ke6.8a5.86.457.141010.51000 1.5ke7.56.056.758.251011.7500 1.5ke7.5a6.47.137.881011.3500 1.5ke8.26.637.389.021012.5200 1.5ke8.2a7.027.798.611012.1200 1.5ke9.17.378.1910113.850 1.5ke9.1a7.788.659.5113.450 1.5ke108.191111510 1.5ke10a8.559.510.5114.510 1.5ke118.929.912.1116.21 1.5ke11a9.410.511.6115.61 1.5ke129.7210.813.2117.31 1.5ke12a10.211.412.6116.71 1.5ke1310.511.714.31191 1.5ke13a11.112.413.7118.21 1.5ke1512.113.516.51221 1.5ke15a12.814.315.8121.21 1.5ke1612.914.417.6123.51 1.5ke16a13.615.216.8122.51 1.5ke1814.516.219.8126.51 1.5ke18a15.317.118.9125.21 1.5ke2016.21822129.11 1.5ke20a17.11921127.71 1.5ke2217.819.824.2131.91 1.5ke22a18.820.923.1130.61 1.5ke2419.421.626.4134.71 1.5ke24a20.522.825.2133.21 1.5ke2721.824.329.7139.11 1.5ke27a23.125.728.4137.51 1.5ke3024.32733143.51 1.5ke30a25.628.531.5141.41 1.5ke3326.829.736.3147.71 1.5ke33a28.231.434.7145.71 1.5ke3629.132.439.61521 1.5ke36a30.834.237.8149.91 1.5ke3931.635.142.9156.41 1.5ke39a33.337.141153.91 1.5ke4334.838.747.3161.91 1.5ke43a36.840.945.2159.31 1.5ke4738.142.351.7167.81 1.5ke47a40.244.749.4164.81 1.5ke5141.345.956.1173.51 1.5ke51a43.648.553.6170.11 1.5ke5645.650.461.6180.51 1.5ke56a47.853.258.81771 1.5ke6250.255.868.21891 1.5ke62a5358.965.11851 1.5ke6855.161.274.81981 1.5ke68a58.164.671.41921 1.5ke*** series
uni-reversebreakdownbreakdowntestmaximumreverse directionalstand-offvoltagevoltagecurrentclampingleakage partvoltagevbr (v)vbr (v)itvoltage@vrwm numbervrwm (v)min. @itmax. @it(ma)@ipp vc (v)ir (ua) 1.5ke7560.767.582.511081 1.5ke75a64.171.378.811031 1.5ke8266.473.890.211181 1.5ke82a70.177.986.111131 1.5ke9173.781.910011311 1.5ke91a77.886.595.511251 1.5ke100819011011441 1.5ke100a85.59510511371 1.5ke11089.29912111581 1.5ke110a9410511611521 1.5ke12097.210813211731 1.5ke120a10211412611651 1.5ke13010511714311871 1.5ke130a11112413711791 1.5ke15012113516512151 1.5ke150a12814315812071 1.5ke16013014417612301 1.5ke160a13615216812191 1.5ke17013815318712441 1.5ke170a14516217912341 1.5ke18014616219812581 1.5ke180a15417118912461 1.5ke20016218022012871 1.5ke200a17119021012741 1.5ke22017519824213441 1.5ke220a18520923113281 1.5ke25020222527513601 1.5ke250a21423726313441 1.5ke30024327033014301 1.5ke300a25628531514141 1.5ke35028431538515041 1.5ke350a30033236814821 1.5ke40032436044015741 1.5ke400a34238042015481 1.5ke44035639648416311 1.5ke440a37641846216001 1.5ke48038943252816861 1.5ke480a40845650416581 1.5ke51041345956117291 1.5ke510a43448553516981 1.5ke550 445495605 17911 1.5ke550a 467523577 17601 notes: 1. non-repetitive current pulse, per fig. 3 and derated above ta=25 cper fig. 2. 2. mounted on copper leaf area of 1.57in2(40mm2). 3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. 1.5ke*** series
2. characteristic curves ( ta = 25 c unless otherwise noted ) 1.5ke ***series fig. 1-peak pulse power rating curvefig. 2-pulse derating curve fig. 3-pulse waveform fig. 4-typical junction capacitance unidirectional fig. 5-steady state power derating curve fig. 6-maximum non-repetitive peak forward surge current uniderictional p p p m , p e a k p u l s e p o w e r , k w p e a k p u l s e p o w e r ( p p p ) o r c u r r e n t ( i p p ) d e r a t i n g i n p e r c e n t a g e % i p p m , p e a k p u l s e c u r r e n t % c j , c a p a c i t a n c e , p f p m ( a v ) s t e a d y s t a t e p o w e r d i s s i p a t i o n , w a t t s i f s m , f o r w a r d s u r g e c u r r e n t , a m p e r e s 100 10 1.0 0.1 0.1 1.0 10 100 1000 10000 td,pulse width, sec ta,ambient temperature, c 0 25 50 100 125 150 175 200 50 100 150 0 t,time,ms 0 1.0 2.0 3.0 10000 1000 100 10 1.0 10 100 1000 v (wm), reverse stand-off voltage,voltage 5.00 3.00 4.00 2.00 1.00 0.00 tl,lead temperature, c 0 25 50 75 100 125 150 175 200 10 1 10 100 number of cycles at 60 hz 250 200 100 0 non-repetive pulse waveform shown in fig.3 ta=25 c tf=10 s peak value ippm half value ipp/2=td ta=25 test waveform tf=10 s td=1000 s tj = 25 c f = 1.0 mhz vsig = 50mvp-p meansured at stand-off voltage v wm meansured at zero bias 0.375"(9.5mm) 20mm*20mm*1mm tj = tj max 8.3ms single half sine-wave (jedec method) 10/1000 s waveform as deffused by r.e.a 100
3. dimension: 1.5ke ***series
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension ?? ???? ???Z ? ?? green
4. update record ? 1 ? 2010-5-4 2 ? 2010-9-23 3 ? 2011-6-18 4 ? 2012-5-9 5 ? 2012-8-15 ?????? ??Z ?? 175 ?? ? 1.5ke ***series


▲Up To Search▲   

 
Price & Availability of 15KE110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X